PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
PL-24-02BEB PL-24-12BEB PL-24-01ABEB PL-24-01AEB P |
POWER TRANSFORMER, 10 VA ROHS COMPLIANT POWER TRANSFORMER, 4.5 VA
|
Vishay Intertechnology, Inc. VISHAY DALE
|
EF2K0BTZ1318 EF3K0BTZ1318 |
POWER TRANSFORMER, 2000 VA POWER TRANSFORMER, 3000 VA
|
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
6012R-6017R 6022R-056 6016-120 6022R-024 6012-012 |
Horizontal PC Power Transformers SPLIT BOBBIN POWER TRANSFORMER, 1.1 VA SPLIT BOBBIN POWER TRANSFORMER, 20 VA SPLIT BOBBIN POWER TRANSFORMER, 12 VA
|
API Delevan
|
TTWB2010-1L TTWB2010L TTWB2040L TTWB3010-1L TTWB30 |
0.13 MHz - 425 MHz RF TRANSFORMER PoE transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Surface Mount Wideband RF Transformers
|
COILCRAFT INC Coilcraft, Inc. http:// Coilcraft lnc.
|
CMD6NP-330MB CMD6NP-330MC CMD6NP-270MB CMD6NP-270M |
General Power Transformer <SMD Type: CMD Series General Power Transformer General Power Transformer Type: CMD Series
|
Sumida Corporation
|
SGE2698-1 |
inverter transformer for CCFL inverter power supply INVERTER TRANSFORMER
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CLS4D28NP-2R2NB CLS4D28NP-2R2NC CLS4D28NP-1R5NB CL |
Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 5.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer CLS Series Power Inductor & 2 in 1 Transformer < CLS Series
|
Sumida, Corp. Sumida Corporation
|
LM-NP-1001-B1L LM-LP-1001L LM-NP-1002L BOURNSINC-L |
MAGNETICS-LINE-MATCHING TRANSFORMER TELECOM TRANSFORMER MAGNETICS-LINE-MATCHING TRANSFORMER-LF TELECOM TRANSFORMER Transformers 1KHz 66ohm 10% line matching trans TELECOM TRANSFORMER
|
Bourns, Inc. BOURNS INC
|
EI-19106 3377-T061 EI-191 |
General Power Transformer General Power Transformer Type: EI Series
|
http:// Sumida Corporation
|